Part Number Hot Search : 
FSQ5W 0K109 178M05 P6KE39 TFS707 ICX081AK R2020 MX5284
Product Description
Full Text Search
 

To Download RTAC22112SSD25G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K RTA Series 1-4 Poles Coded Rotary Switches
Features/Benefits * PCB or hand soldering versions * Bushing mounting * Multiple poles * Decimal and hexadecimal codes * Screwdriver slot or extended actuator * RoHS Compliant Lead Free
Electrical Data
Silver Gold BBM 0.5 VA 20 mA 1A 25 V < 150 m
Typical Applications * Appliances * Electronic alarm systems * Medical * Building automation * HVAC air conditioning
Mechanical Data
MAX. NO. OF BANKS: 1. OPERATING TORQUE: 5 Ncm20%. END STOP TORQUE: < 60 Ncm. STOP: With/without or adjustable MOUNTING: By fixed index 9.5 mm (0.374) of center, for bushing mount only
SWITCHING MODE: BBM MAX. SWITCHING POWER 5 VA MAX. SWITCHING CURRENT: 150 mA MAX. CARRYING CURRENT: 5A NOMINAL VOLTAGE AT 50 Hz 60 V CONTACT RESISTANCE: < 150 m DIELECTRIC STRENGTH AT 50 Hz BETWEEN CONTACTS AND GROUND TERMINALS: 500 V r INSULATION RESISTANCE BETWEEN CONTACTS OR CONTACTS AND FRAME (500 V =): 109 NO. OF OPERATIONS: 10,000 BOUNCE: < 5 ms
Materials
500 V r HOUSING: PETP Thermoplastic STATIONARY CONTACTS & TERMINALS: Nickel alloy, gold or silver plated. ROTOR: Printed circuit, gold or silver plated. CODING PLATE: PA thermoplastic ACTUATOR: Polysulfon thermoplastic BUSHING: Washer: PA. Nut: Brass. HARDWARE: Stop pin: Aluminum. Ball & Spring: Stainless steel.
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
109 10,000 < 5 ms
Environmental Data
OPERATING TEMPERATURE: -20C to + 70C STORAGE TEMPERATURE: -40C to + 85C -20C to + 70C -40C to + 85C
L Rotary
NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages L-9 thru L-11. For additional options not shown in catalog, consult Customer Service Center.
Designation RTAP With PC Thru-Hole RTAC With solder lugs
Indexing 22.5 22.5 index (coded only) 30 30 index (12 positions max.) 36 36 index (10 positions max.) Switch Function SP, 30 Index, 12 pos. no stop 112S 110S SP, 36 Index, 10 pos. no stop 103B03 SP, 30 /36 Index, 3 pos. Mounting Style 106B06 SP, 30 /36 Index, 6 pos. SD Without bushing 109B09 SP, 30 /36 Index, 9 pos. AD With bushing 110B10 SP, 30 /36 Index, 10 pos. 111B11 SP, 30 Index, 11 pos. Actuator (max.) 112B12 SP, 30 Index, 12 pos. 25 .984 (25,0) 205S DP, 36 Index, 5 pos. no stop 50 1.97 (50,0) 206S DP, 30 Index, 6 pos. no stop F Screwdriver slot 202B02 DP, 30 /36 Index, 2 pos. M25 Flat shaft, .984 (25,0) 204B04 DP, 30 /36 Index, 4 pos. Contact Material 205B05 DP, 30 /36 Index, 5 pos. S Silver plated 206B06 DP, 30 Index, 6 pos. G Gold plated 303B03 3P, 30 /36 Index, 3 pos. 402B02 4P, 30 /36 Index, 2 pos. BCS Direct + complement, 30 /36 Index, no stop BS Direct, 22.5 Index, no stop BCB Direct + complement, with stop (indicate position) BB Direct, 22.5 Index, with stop (indicate position)
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
L-8
www.ittcannon.com
C&K RTA Series 1-4 Poles Coded Rotary Switches
DESIGNATION
RTAP
WITH PC PINS
PART NUMBER
FUNCTION Binary SP 12 positions no stop SP 10 positions no stop
INDEX 22.5
RTAP22.5BSSD25S RTAP30112SSD25S RTAP36110SSD25S
30
36
RTAC
WITH SOLDER LUGS
L Rotary
PART NUMBER
FUNCTION Binary SP 12 positions no stop SP 10 positions no stop
INDEX 22.5
RTAC22.5BSAD25S RTAC30112SAD25S RTAC36110SAD25S
30
36
INDEXING
22.5 30 36
22.5 index, 16 positions max. 30 index, 12 positions max. 36 index, 10 positions max.
Both commons must be connected by user to ground.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
L-9
www.ittcannon.com
C&K RTA Series 1-4 Poles Coded Rotary Switches
SWITCH FUNCTION
NO. POLES MODEL NO. SWITCH FUNCTION 12 Positions No Stop 10 Positions No Stop 3 Positions 6 Positions 9 Positions 10 Positions 11 Positions 12 Positions INDEX SP MODELS SCHEMATIC 30 36 30/36 30/36 30/36 30/36 30 30 DP MODELS SCHEMATIC C1 C2 4P MODELS SCHEMATIC C1 C2 C3 C4 3P 4P Pos. 11 21 31 41 51 61 12 22 32 42 52 62 Pos. 1 1 21 12 22 13 2 3 14 2 4 C0 3P MODELS SCHEMATIC C1 C2 C3 NO. POLES MODEL NO. SWITCH FUNCTION 5 Positions No Stop 6 Positions No Stop 2 Positions 4 Positions 5 Positions 6 Positions 3 Positions 2 Positions INDEX
112S 110S 103B03
SP
205S 206S
Pos. Pos. 1 1 21 31 12 22 32 13 2 3 3 3 DP
30/36 30 30/36 30/36 30/36 30 30/36 30/36
106B06 109B09 110B10 111B11 112B12
202B02 204B04 205B05 206B06 303B03 402B02
22.5 Term. E,J F,I D,K A,N B
30 Term. M,N H D A J C K B I
36 Term. L,N D B I J K H A C Pos. C 1 2 4 8 1 2 4 8 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
*
* *
*
* *
*
* *
*
* *
*
* *
*
* *
*
*
*
* *
*
* * *
* *
* * * *
*
* * * *
* * * * *
* * *
* *
*
* * *
L Rotary
-- -- -- --
* * * * * * *
*
* * *
*
* * * * *
* *
* * * * * *
*
*
30 INDEXING ANGLE PCB LAYOUT
22.5 INDEXING ANGLE PCB LAYOUT
1 POLE
2 POLES
3 POLES
4 POLES
BCD + COMPLEMENTS
BCD ONLY
36 INDEXING ANGLE PCB LAYOUT
NOTE: Layout view from component side. Common terminals that are in locations A-G are not connected to common terminals that are in locations H-N. For 7-12 position output customer must tie these commons together.
1 POLE
2 POLES
3 POLES
4 POLES
BCD + COMPLEMENTS
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
L-10
www.ittcannon.com
C&K RTA Series 1-4 Poles Coded Rotary Switches
MOUNTING STYLE
SD
WITHOUT BUSHING
AD
WITH BUSHING
M10 METRIC
PANEL MOUNTING
ACTUATOR
25
0,25 mm (.984)
50
0,50 mm (1.97)
F
SCREWDRIVER SLOT
M25
FLAT SHAFT
L Rotary Rotary
CONTACT MATERIAL
OPTION CODE RoHS COMPLIANT* YES RoHS COMPATIBLE* YES YES CONTACT AND TERMINAL MATERIAL SILVER LOW LEVEL/DRY CIRCUIT LOW LEVEL/DRY CIRCUIT OR POWER
RATING SWITCH: 150 mA MAXIMUM, 60 V NOMINAL. POWER: 5 VA MAXIMUM. CARRY-5 AMPS MAXIMUM. SWITCH: 20 mA MAXIMUM, 25 V NOMINAL. POWER: 0.5 VA MAXIMUM. CARRY: 1 AMP MAXIMUM.
S G
YES
GOLD
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
L-11
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of RTAC22112SSD25G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X